Part Number Hot Search : 
FA13844 RL201 M62220L MAX236 15445 WH107 LPY410AL MV6451
Product Description
Full Text Search
 

To Download NAZH220M25V4X61NBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nazh series features ? cylindrical v-chip construction for surface mounting ? reduced size ? suit for high temperature reflow soldering (up to 260c) ? 2,000 hour load life @ +105c ? designed for automatic mounting and reflow soldering characteristics rated voltage rating 6.3 ~ 50vdc rated capacitance range 10 ~ 2,200 f operating temp. range -55 ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 miuntes @ 20c 0.01cv or 3 a whichever is greater tan @ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 s.v. (vdc) 8.0 13 20 32 44 63 tan @ 120hz/20c 0.26 0.19 0.16 0.14 0.12 0.10 low temperature stability impedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 z-25c/z+20c 222222 z-40c/z+20c 333333 z-55c/z+20c 444333 load life test @ 105c all case sizes = 2,000 hours capacitance change within 30% of initial measured value tan less than 200% of the speci ed maximum value leakage current less than the speci ed maximum value precautions please review the notes on correct use, safety and precautions found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com nazh 101 m 25v 6.3x6.1 n b f rohs compliant termination/packaging code re ow temperature code size in mm working voltage tolerance code m=20% capacitance code in f, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 10 100 - - - - - (4x6.1) 5x6.1 22 220 - - - 4x6.1 4x6.1 5x6.1 33 330 - - - 4x6.1 5x6.1 - 47 470 - - 4x6.1 5x6.1 5x6.1 6.3x6.1 68 680 - 4x6.1 5x6.1 5x6.1 6.3x6.1 - 100 101 4x6.1 - 5x6.1 6.3x6.1 6.3x6.1 6.3x8 150 151 - 5x6.1 6.3x6.1 6.3x8 6.3x8 - 220 221 5x6.1 6.3x6.1 6.3x6.1 6.3x8 - 8x10.5 330 331 6.3x6.1 6.3x8 6.3x8 - 8x10.5 10x10.5 470 471 6.3x8 6.3x8 - 8x10.5 - - 560 561 - - - - 10x10.5 - 680 681 6.3x8 - 8x10.5 - - - 820 821 - - - 8x10.5 - - 1000 102 - 8x10.5 10x10.5 - - - 1500 152 8x10.5 10x10.5 ---- 2200 222 10x10.5 - ---- dimensions (mm) and 13" reel quantities case size d0.5 l max. a0.2 b0.2 i0.3 w p0.3 qty/reel 4x6.1 4.0 6.1 4.3 4.3 1.8 0.5~0.8 1.0 1,200 5x6.1 5.0 6.1 5.3 5.3 2.2 0.5~0.8 1.5 800 6.3x6.1 6.3 6.1 6.6 6.6 2.6 0.5~0.8 1.8 800 6.3x8 6.3 8 6.6 6.6 2.6 0.5~0.8 1.8 500 8x10.5 8.0 10.5 8.3 8.3 3.4 0.7~1.1 3.1 300 10x10.5 10.0 10.5 10.3 10.3 3.5 0.7~1.1 4.6 300 0.3mm max. d l + - i i w p a b code peak re ow temperature n 260c peak reflow temperature codes standard values and case sizes (mm) code finish & reel size b sn-bi finish & 13" reel s 100% sn finish & 13" reel termination finish & packaging options codes sac alloy compatible 260c *see part number system for details p n b s f d i l rohs compliant includes all homogeneous materials ( ) in development t voltage rating series capacitance production code polarity marking
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nazh series nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. esr ( ) +20c/100khz max. ripple current (ma) +105c/100khz load life hours @ +105c nazh101m6.3v4x6.1nbf 100 6.3 0.26 0.85 160 2,000 nazh221m6.3v5x6.1nbf 220 0.26 0.36 240 2,000 nazh331m6.3v6.3x6.1nbf 330 0.26 0.26 300 2,000 nazh471m6.3v6.3x8nbf 470 0.26 0.16 600 2,000 nazh681m6.3v6.3x8nbf 680 0.26 0.16 600 2,000 nazh152m6.3v8x10.5nbf 1500 0.26 0.08 850 2,000 nazh222m6.3v10x10.5nbf 2200 0.28 0.06 1190 2,000 nazh680m10v4x6.1nbf 68 10 0.19 0.85 160 2,000 nazh151m10v5x6.1nbf 150 0.19 0.36 240 2,000 nazh221m10v6.3x6.1nbf 220 0.19 0.26 300 2,000 nazh331m10v6.3x8nbf 330 0.19 0.16 600 2,000 nazh471m10v6.3x8nbf 470 0.19 0.16 600 2,000 nazh102m10v8x10.5nbf 1000 0.19 0.08 850 2,000 nazh152m10v10x10.5nbf 1500 0.19 0.06 1190 2,000 nazh470m16v4x6.1nbf 47 16 0.16 0.85 160 2,000 nazh680m16v5x6.1nbf 68 0.16 0.36 240 2,000 nazh101m16v5x6.1nbf 100 0.16 0.36 240 2,000 nazh151m16v6.3x6.1nbf 150 0.16 0.26 300 2,000 nazh221m16v6.3x6.1nbf 220 0.16 0.26 300 2,000 nazh331m16v6.3x8nbf 330 0.16 0.16 600 2,000 nazh681m16v8x10.5nbf 680 0.16 0.08 850 2,000 nazh102m16v10x10.5nbf 1000 0.16 0.06 1190 2,000 nazh220m25v4x6.1nbf 22 25 0.14 0.85 160 2,000 nazh330m25v4x6.1nbf 33 0.14 0.85 160 2,000 nazh470m25v5x6.1nbf 47 0.14 0.36 240 2,000 nazh680m25v5x6.1nbf 68 0.14 0.36 240 2,000 nazh101m25v6.3x6.1nbf 100 0.14 0.26 300 2,000 nazh151m25v6.3x8nbf 150 0.14 0.16 600 2,000 nazh221m25v6.3x8nbf 220 0.14 0.16 600 2,000 nazh471m25v8x10.5nbf 470 0.14 0.08 850 2,000 nazh821m25v10x10.5nbf 820 0.14 0.06 1190 2,000 nazh220m35v4x6.1nbf 22 35 0.12 0.85 160 2,000 nazh330m35v5x6.1nbf 33 0.12 0.36 240 2,000 nazh470m35v5x6.1nbf 47 0.12 0.36 240 2,000 nazh680m35v6.3x6.1nbf 68 0.12 0.26 300 2,000 nazh101m35v6.3x6.1nbf 100 0.12 0.26 300 2,000 nazh151m35v6.3x8nbf 150 0.12 0.16 600 2,000 nazh331m35v8x10.5nbf 330 0.12 0.08 850 2,000 nazh561m35v10x10.5nbf 560 0.12 0.06 1190 2,000 (nazh100m50v4x6.1nbf) 10 50 0.1 2.3 85 2,000 nazh100m50v5x6.1nbf 10 0.1 0.88 165 2,000 nazh220m50v5x6.1nbf 22 0.1 0.88 165 2,000 nazh470m50v6.3x6.1nbf 47 0.1 0.68 195 2,000 nazh101m50v6.3x8nbf 100 0.1 0.34 350 2,000 nazh221m50v8x10.5nbf 220 0.1 0.18 670 2,000 nazh331m50v10x10.5nbf 330 0.1 0.12 900 2,000 standard values, case sizes and specifications frequency 120hz 500hz 1khz 10khz 10 ~ 470 f 0.65 0.85 0.95 1.00 560 ~ 2200 f 0.70 0.90 0.95 1.00 ripple current frequency correction factors ( ) in development
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change case size a b c 4x6.1 1.0 2.5 1.6 5x6.1 1.5 2.8 1.6 6x3x6.1 1.8 3.2 1.6 6.3x8 1.8 3.2 1.6 8x10.5 3.1 4.0 2.0 10x10.5 4.6 4.1 2.0 a c b recommended land pattern dimensions (mm) surface mount aluminum electrolytic capacitors nazh series diameter peak temperature duration time > 230c time > 217c time > 200c number of re ow passes* 4 ~ 6.3mm 260c time > 250c, 5 sec. 30 sec. 40 sec. 70 sec. 2 255c time > 250c, 10 sec. 8 ~ 10mm 260c time > 250c, 5 sec. 1 245c time > 240c, 10 sec. 2 peak reflow temperature and duration time above 200c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (160c) peak temperature (see table) 230 *second reflow shall be at least one hour after natural cool to room temperature. carrier tape dimensions case size a 0.2 b +0.3 / -0.2 c 0.3 d 0.1 p 0.1 t 0.2 t 0.1 4x6.1 4.7 4.6 +0.2 / -0.1 12.0 5.5 8.0 6.2 0.4 5x6.1 5.7 5.7 12.0 5.5 12.0 6.4 0.4 6.3x6.1 7.0 7.0 16.0 7.5 12.0 6.4 0.4 6.3x8 7.0 7.0 16.0 7.5 12.0 8.4 0.4 8x10.5 8.7 8.7 24.0 11.5 16.0 11.0 0.4 10x10.5 10.7 10.7 24.0 11.5 16.0 11.0 0.4 t a p feeding d b c 1.5 +0.1/-0 1.75 + 0.10 t 4 + 0.1 time above 217c (see table) time above 230c (see table) review & compare re ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl resistance to soldering heat resistance to soldering heat after re ow soldering the capacitor shall be stablized at room temperature prior to measuring. capacitance change within 10% of initial measured value tan less than initial measured value leakage current less than initial measured value appearance no signi cant change can be observed 1. leader and trailer will have a minimum of 10 empty pockets and 20cm of extended cover tape. 2. a maximum of 3 connections (splices) per reel.
4 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change 210.8 13 ? 0.5 3.0 0.5 330 mm 50 ? min. w 2.00.5 reel dimensions & reel qty case size w 1.0 reel quantity tr 13" (330mm) 4x6.1 14 1,200 5x6.1 14 800 6.3x6.1 18 800 6.3x8 18 500 8x10.5 26 300 10x10.5 26 300 surface mount aluminum electrolytic capacitors nazh series


▲Up To Search▲   

 
Price & Availability of NAZH220M25V4X61NBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X